Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5304GDWR32G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5304GDWR32G
Description  Three-Phase Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5304GDWR32G Datasheet(HTML) 2 Page - ON Semiconductor

  CS5304GDWR32G Datasheet HTML 1Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 2Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 3Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 4Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 5Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 6Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 7Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 8Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CS5304
http://onsemi.com
2
R12
20 K
COMP
VFB
VDRP
CS1
CS2
CS3
CSREF
PWRGD
VID0
VID1
VID2
VID3
VID4
PWRGDS
ROSC
VCCL
VCCL1
Gate(L)1
GND1
Gate(H)1
VCCH12
Gate(H)2
GND2
Gate(L)2
VCCL23
Gate(L)3
GND3
Gate(H)3
ILIM
REF
VCCH3
LGND
R1
3.09 k
R2
1.40 k
C5
0.1 mF
R7
30 k
CS2
C8
.01 mF
C7
.01 mF
CS3
R6
30 k
CS1
C6
.01 mF
R5
30 k
C9
.01 mF
VID0
VID1
VID2
VID3
VID4
PWRGD
10 k
R9
19.1 k
R8
80.6 k
Q3
Q4
CS2
L2
1.0 mF
Q5
Q6
CS3
L3
1.0 mF
Q1
Q2
CS1
L1
1.0 mF
C25−32
8 × 10 mF
C17−24
8 × 4SP560M
VCORE
C14
1.0 mF
+5.0 V
2 × 16SP180M
C15,16
300 nH
L4
+12 V
+
C2
1.0 mF
C3
1.0 mF
C1
1.0 mF
+5.0 V
BAT54S
D1
U1
R3
56.2 K
0.1 mF
C4
R10
10 K
C12
1.0 nF
C11
1.0 nF
+12 V
D2
BAS16LT1
Figure 1. Application Diagram for Intel Pentium® 4 Processor 12 V to 1.7 V, 42 A
C10
470 pF
+5.0 V
R11
1.0 W
R4
BAT54S
D3
Q1−Q6, NTB85N03 or NTB85N03T4 by ON Semiconductor
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Thermal Resistance, Junction−to−Case, RqJC
14
°C/W
Thermal Resistance, Junction−to−Ambient, RqJA
70
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com