Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N825 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N825
Description  6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N825 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N825 Datasheet HTML 1Page - Microsemi Corporation 1N825 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N825

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N825 MOTOROLA-1N825 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
1N825 MOTOROLA-1N825 Datasheet
41Kb / 3P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N825 PHILIPS-1N825 Datasheet
28Kb / 5P
Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N825 CDI-DIODE-1N825 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N825 MICROSEMI-1N825 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N825

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N821UR MICROSEMI-1N821UR Datasheet
196Kb / 3P
6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
6.4 Volt Temperature Compensated Zener Reference Diodes
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com