Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3126DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # FST3126DR2G
Description  4-Bit Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3126DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  FST3126DR2G Datasheet HTML 1Page - ON Semiconductor FST3126DR2G Datasheet HTML 2Page - ON Semiconductor FST3126DR2G Datasheet HTML 3Page - ON Semiconductor FST3126DR2G Datasheet HTML 4Page - ON Semiconductor FST3126DR2G Datasheet HTML 5Page - ON Semiconductor FST3126DR2G Datasheet HTML 6Page - ON Semiconductor FST3126DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. P1
1
Publication Order Number:
FST3126/D
FST3126
Product Preview
4-Bit Bus Switch
The ON Semiconductor FST3126 is a quad, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of four independent 1−bit switches with
separate Output/Enable (OE) pins. Port A is connected to Port B when
OE is high. If OE is low, the switch is high Z.
Features
RON t 4 W Typical
Less Than 0.25 ns−Max Delay Through Switch
Nearly Zero Standby Current
No Circuit Bounce
Control Inputs are TTL/CMOS Compatible
Pin−For−Pin Compatible With QS3126, FST3126, CBT3126
All Popular Packages: SOIC−14 & TSSOP−14
These are Pb−Free Devices
OE1
OE2
GND
2B
2A
1B
1A
VCC
4B
3B
3A
OE3
4A
OE4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 1. Pin Assignment for
SOIC and TSSOP
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
Description
PIN NAMES
OE1, OE2, OE3, OE4
1A, 2A, 3A, 4A
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
WL, L = Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
FST
3126
ALYWG
G
FST3126G
AWLYWW
14
1
1
14
(Note: Microdot may be in either location)


Similar Part No. - FST3126DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST3126DR2G ONSEMI-FST3126DR2G Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
More results

Similar Description - FST3126DR2G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
4-BIT BUS SWITCH
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
4-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3125 ONSEMI-74FST3125 Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
4-Bit Bus Switch
December, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com