Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDV24VL Datasheet(PDF) 18 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 18 Page - AMIC Technology

Back Button HDV24VL Datasheet HTML 10Page - AMIC Technology HDV24VL Datasheet HTML 11Page - AMIC Technology HDV24VL Datasheet HTML 12Page - AMIC Technology HDV24VL Datasheet HTML 13Page - AMIC Technology HDV24VL Datasheet HTML 14Page - AMIC Technology HDV24VL Datasheet HTML 15Page - AMIC Technology HDV24VL Datasheet HTML 16Page - AMIC Technology HDV24VL Datasheet HTML 17Page - AMIC Technology HDV24VL Datasheet HTML 18Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 18 of 18
Order Information:
*Speed – Ohter speeds available upon request.
**Package – BZ: 108 Ball 8mm x8mm 0.5mm-pitch BGA
BY: 84 Ball 7mm x7mm 0.5mm-pitch BGA
Example:
HDV24VL55BZI
(4K x 16, 55ns, 108 ball BGA, Industrial temperature)
USA
Taiwan
2107 North First Street,
Suite 415
San Jose, CA 95131, USA
www.hba.com
Tel:
408.453.8885
Fax:
408.453.8886
No. 81, Suite 8F-9, Shui-
Lee Rd.
Hsinchu, Taiwan, R.O.C.
www.hba.com
Tel:
886.3.516.9118
Fax:
886.3.516.9181
HBA
Device Family
Device Type
Power
Speed (ns)*
Package**
Temperature Range
XX
XXX
XX
XX
XX
X
HD
V24 (4K x 16)
Very
Low
55
BZ
BY
I – Industrial (-40° to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com