Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S16512A Datasheet(PDF) 5 Page - AMIC Technology

Part # LP62S16512A
Description  8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16512A Datasheet(HTML) 5 Page - AMIC Technology

  LP62S16512A Datasheet HTML 1Page - AMIC Technology LP62S16512A Datasheet HTML 2Page - AMIC Technology LP62S16512A Datasheet HTML 3Page - AMIC Technology LP62S16512A Datasheet HTML 4Page - AMIC Technology LP62S16512A Datasheet HTML 5Page - AMIC Technology LP62S16512A Datasheet HTML 6Page - AMIC Technology LP62S16512A Datasheet HTML 7Page - AMIC Technology LP62S16512A Datasheet HTML 8Page - AMIC Technology LP62S16512A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LP62S16512A Series
PRELIMINARY
(November, 2014, Version 0.0)
5
AMIC Technology, Corp.
Pin Descriptions
Symbol
Description
Symbol
Description
A0 - A18
Address Inputs
(Word Mode)
HB
Higher Byte Enable Input
(I/O8 - I/O15)
A0 - A19
Address Inputs
(Byte Mode)
BYTE
Byte Enable
1
CS , CS2
Chip Enable
OE
Output Enable
I/O1 - I/O16
Data Input/Output
VCC
Power Supply
WE
Write Enable Input
GND
Ground
LB
Byte Enable Input
(I/O0 - I/O7)
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to +70°C or -40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com