Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S161024 Datasheet(PDF) 6 Page - AMIC Technology

Part # LP62S161024
Description  16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S161024 Datasheet(HTML) 6 Page - AMIC Technology

Back Button LP62S161024 Datasheet HTML 2Page - AMIC Technology LP62S161024 Datasheet HTML 3Page - AMIC Technology LP62S161024 Datasheet HTML 4Page - AMIC Technology LP62S161024 Datasheet HTML 5Page - AMIC Technology LP62S161024 Datasheet HTML 6Page - AMIC Technology LP62S161024 Datasheet HTML 7Page - AMIC Technology LP62S161024 Datasheet HTML 8Page - AMIC Technology LP62S161024 Datasheet HTML 9Page - AMIC Technology LP62S161024 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LP62S161024 Series
PRELIMINARY
(November, 2014, Version 0.0)
6
AMIC Technology, Corp.
Absolute Maximum Ratings*
VCC to GND .............................................. -0.5V to +4.0V
IN, IN/OUT Volt to GND ................... -0.5V to VCC + 0.5V
Operating Temperature, Topr ...........................................
........................................0
°C to +70°C or -40°C to +85°C
Storage Temperature, Tstg.....................-55
°C to +125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended.
Exposure to the absolute
maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics (TA = 0°C to +70°C or -40°C to +85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
LP62S161024-55/70LL(I)
Unit
Conditions
Min.
Max.
⏐ILI⏐
Input Leakage Current
-
1
μA
VIN = GND to VCC
⏐ILO⏐
Output Leakage Current
-
1
μA
1
CS = VIH or CS2 = VIL or
LB = HB = VIH
VI/O = GND to VCC
ICC
Active Power Supply
Current
-
5
mA
1
CS = VIL , CS2 = VIH ,
LB = VIL or HB = VIL , II/O = 0mA
ICC1
-
50
mA
Dynamic Operating
Min. Cycle, Duty = 100%,
1
CS = VIL ,
CS2 = VIH , LB = VIL or HB = VIL
II/O = 0mA
ICC2
Current
-
8
mA
1
CS
≤ 0.2V , CS2 ≥ VCC-0.2V ,
LB
≤ 0.2V or HB ≤ 0.2V
f = 1MHz , II/O = 0mA
ISB
-
1
mA
1
CS = VIH or CS2 = VIL or
LB = HB = VIH
ISB1
Standby Current
-
20
μA
1
CS
≥ VCC - 0.2V or CS2 ≤ 0.2V or
LB = HB
≥ VCC-0.2V
VIN
≥ VCC-0.2V or VIN ≤ 0.2V
VOL
Output Low Voltage
-
0.4
V
IOL = 2.1 mA
VOH
Output High Voltage
2.2
-
V
IOH = -1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com