Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4091 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4091
Description  N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4091 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4091 Datasheet HTML 1Page - Microsemi Corporation 2N4091 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
N-CHANNEL J-FET
Qualified per MIL-PRF-19500/431
Devices
Qualified Level
2N4091
2N4092
2N4093
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TA = +25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Units
Gate-Source Voltage
VGS
-40
V
Drain-Source Voltage
VDS
40
V
Drain-Gate Voltage
VDG
40
V
Gate Current
IG
10
mAdc
Power Dissipation
(1)
TA = +25
0C
PT
0.36
W
Operating Junction
Tj
-65 to +175
0C
Operating Storage Temperature Range
Tstg
-65 to +200
0C
(1) Derate linearly 2.4 mW/
0C for TA > 250C.
TO-18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = +25
0C unless otherwise noted)
PARAMETERS / TEST CONDITIONS
Symbol
Min.
Max.
Units
Gate-Source Breakdown Voltage
VDS = 0, IG = -1.0
µAdc
V(BR)GSS
-40
Vdc
Gate Reverse Current
VDS = 0, VGS = -20 Vdc
IGSS
-0.1
ηA
Drain Current
VGS = -12, VDS = 20 Vdc
2N4091
VGS = -8.0, VDS = 20 Vdc
2N4092
VGS = -6.0, VDS = 20 Vdc
2N4093
ID(off)
0.1
ηA
Drain Current
VGS = 0, VDS = 20 Vdc
2N4091
2N4092
2N4093
IDSS
30
15
8.0
mA
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N4091

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4091 ETC1-2N4091 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Intersil Corporation
2N4091 INTERSIL-2N4091 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N4091 MICROSEMI-2N4091 Datasheet
48Kb / 2P
N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
139Kb / 1P
N-CHANNEL JFETS
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
More results

Similar Description - 2N4091

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com