Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4093 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4093
Description  N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4093 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4093 Datasheet HTML 1Page - Microsemi Corporation 2N4093 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4091, 2N4092, 2N4093 JAN SERIES
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted) (con’t)
PARAMETERS / TEST CONDITIONS
Symbol
Min.
Max.
Units
Static Drain - Source On-State Resistance
VGS = 0, ID = 1.0 mAdc
2N4091
2N4092
2N4093
rDS(on)
30
50
80
Ω
Drain - Source On-State Voltage
VGS = 0, ID = 6.6 mAdc
2N4091
VGS = 0, ID = 4.0 mAdc
2N4092
VGS = 0, ID = 2.5 mAdc
2N4093
VDS(on)
0.2
0.2
0.2
Vdc
Small-Signal, Common-Source Reverse Transfer Capacitance
VGS = 20 Vdc, VDS = 0, f = 1.0 MHz
Crss
5.0
pF
Small-Signal, Common-Source Short-Circuit Input Capacitance
VGS = 0, VDS = 20 Vdc, f = 1.0 MHz
Ciss
16
pF
Turn-On Delay Time
2N4091
2N4092
2N4093
td
on
15
15
15
ηs
Rise Time
2N4091
2N4092
2N4093
tr
10
20
40
ηs
Turn-Off Delay Time
2N4091
2N4092
2N4093
See Figure 3
of MIL-PRF-
19500/431
td
off
40
60
80
ηs
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com