Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2N60 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF2N60
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF2N60_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF2N60
600V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
1.3
IDM
Pulsed Drain Current②
8
A
Power Dissipation③
54
W
PD @TC = 25°C
Linear Derating Factor
0.43
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=55mH
110
mJ
IAS
Avalanche Current @ L=55mH
2
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
VDSS
600V
RDS(on)
3.6ohm(typ.)
ID
2A
TO-220
Marking and Pin
Assignment
Schematic Diagram
Advanced Process Technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Lead free product
These N-Channel enhancement mode power field effect transistors are produced using
proprietary MOSFET technology. This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These devices are well suited for high efficiency
switch mode power supplies.


Similar Part No. - SSF2N60_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2N60D1 GOOD-ARK-SSF2N60D1 Datasheet
928Kb / 7P
600V N-Channel MOSFET
SSF2N60D1 GOOD-ARK-SSF2N60D1_15 Datasheet
928Kb / 7P
600V N-Channel MOSFET
More results

Similar Description - SSF2N60_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com