Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 30S
Description  3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

30S Datasheet(HTML) 1 Page - Microsemi Corporation

  30S Datasheet HTML 1Page - Microsemi Corporation 30S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 30S

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Micro Commercial Compon...
30S1 MCC-30S1 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
30S10 MCC-30S10 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
30S2 MCC-30S2 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
More results

Similar Description - 30S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N1185A IRF-1N1185A Datasheet
377Kb / 5P
35,40,and 60 Amp Power Silicon Rectifier Diodes
1N4044 IRF-1N4044 Datasheet
99Kb / 4P
275 Amp Avg Power Silicon Rectifier Diodes
logo
List of Unclassifed Man...
1N5390 ETC-1N5390 Datasheet
38Kb / 2P
1.5 Amp. Silicon Rectifier Diodes
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A Datasheet
140Kb / 5P
Medium Power Silicon Rectifier Diodes, 12 A
24-Jun-08
logo
Micro Commercial Compon...
30S1 MCC-30S1 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
Medium Power Silicon Rectifier Diodes, 12 A
24-Jun-08
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
18-May-15
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
11-Jan-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com