Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3207 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADP3207
Description  CPU Synchronous Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207 Datasheet(HTML) 3 Page - ON Semiconductor

  ADP3207 Datasheet HTML 1Page - ON Semiconductor ADP3207 Datasheet HTML 2Page - ON Semiconductor ADP3207 Datasheet HTML 3Page - ON Semiconductor ADP3207 Datasheet HTML 4Page - ON Semiconductor ADP3207 Datasheet HTML 5Page - ON Semiconductor ADP3207 Datasheet HTML 6Page - ON Semiconductor ADP3207 Datasheet HTML 7Page - ON Semiconductor ADP3207 Datasheet HTML 8Page - ON Semiconductor ADP3207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADP3207
Rev. 1 | Page 3 of 29 | www.onsemi.com
SPECIFICATIONS
VCC = 5 V, FBRTN = GND, EN = VCC, VVID = 0.50 V to 1.5000 V, PSI = 1.05 V, DPRSLP = GND, DPRSTP = 1.05 V, LLSET = CSREF,
TA = 0°C to 100°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VOLTAGE ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.85
4.0
V
VID DAC DC Accuracy
VFB − VVID
Measured at FB, relative to VVID, see Figure 2
−8
+8
mV
VFB(BOOT)
Measured at end of start-up
1.192
1.200
1.208
V
Load Line Positioning DC Accuracy
VFB − VVID
Measured at FB, relative to VVID, LLSET – CSREF = −80 mV
−78
−80
−82
mV
Differential Nonlinearity2
−1
+1
LSB
Line Regulation
ΔVFB
VCC = 4.75 V to 5.25 V
0.05
%
Input Bias Current
IFB
−1
+1
μA
Output Current
ICOMP
FB forced to VOUT – 3%
3
mA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/
μs
LLSET Input Voltage Range2
VLLSET
Relative to CSREF
−200
+200
mV
LLSET Input Bias Current
ILLSET
−100
+100
nA
FBRTN Current
IFBRTN
70
400
μA
VID DAC INPUTS
Input Low Voltage
VIL
VIDX
0.5
0.3
V
Input High Voltage
VIH
VIDX
0.7
0.5
V
Input Current
IIN(VID)
−1
μA
VID Transition Delay Time2
VID change to FB change
400
ns
OSCILLATOR
Frequency Range2
fOSC
PSI = DPRSTP = 1.05 V, DPRSLP = GND
0.3
3
MHz
Frequency Setting
fPHASE
TA = +25°C, VVID = 1.2000 V, RT = 215 k
Ω
155
200
245
kHz
TA = +25°C, PWM3 = VCC, VVID = 1.2000 V, RT = 215 k
Ω
300
kHz
TA = +25°C, PWM2 = VCC, VVID = 1.2000 V, RT = 215 k
Ω
600
kHz
RAMPADJ Voltage
VRAMPADJ
IRAMPADJ = 60 μA
0.9
1.1
1.2
V
RAMPADJ Input Current Range2
IRAMPADJ
In normal mode
1
60
120
μA
In shutdown, or in UVLO, RAMPADJ = 19 V
−1
+1
μA
RPM
RT Voltage
VRT
RT = 215 k
Ω to GND, VVID = 1.4000 V
1.08
1.2
1.32
V
VRPM Reference Voltage
VVRPM
IVRPM = 0
.95
1
1.05
V
IVRPM = 120 μA
1.0
1.03
1.10
V
RRPM Output Current
IRRPM
VVID = 1.2 V, RT = 215 k
Ω
−5.5
μA
RPM Comparator Offset
VOS(RPM)
VOS(RPM) = VCOMP − VRRPM, PSI = GND
1
mV
CURRENT-SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF
−1.0
+1.0
mV
Input Bias Current
IBIAS(CSSUM)
−50
+50
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/
μs
Input Common-Mode Range2
CSSUM and CSREF
0
3.5
V
Output Voltage Range2
0.05
2.0
V
Output Current
ICSCOMP
Sinking Current
470
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com