Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5166H Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 3 Page - ON Semiconductor

  CS5166H Datasheet HTML 1Page - ON Semiconductor CS5166H Datasheet HTML 2Page - ON Semiconductor CS5166H Datasheet HTML 3Page - ON Semiconductor CS5166H Datasheet HTML 4Page - ON Semiconductor CS5166H Datasheet HTML 5Page - ON Semiconductor CS5166H Datasheet HTML 6Page - ON Semiconductor CS5166H Datasheet HTML 7Page - ON Semiconductor CS5166H Datasheet HTML 8Page - ON Semiconductor CS5166H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CS5166H
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
20 V
−0.3 V
N/A
1.5 A peak, 200 mA DC
Soft Start Capacitor
SS
6.0 V
−0.3 V
200 μA
10 μA
Compensation Capacitor
COMP
6.0 V
−0.3 V
10 mA
1.0 mA
Voltage Feedback and Current
Sense Comparator Input
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Off−Time Capacitor
COFF
6.0 V
−0.3 V
1.0 mA
50 mA
Voltage ID DAC Inputs
VID0−VID4
6.0 V
−0.3 V
1.0 mA
10 μA
High−Side FET Driver
GATE(H)
20 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Low−Side FET Driver
GATE(L)
20 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Current Sense Comparator Input
ISENSE
6.0 V
−0.3 V
1.0 mA
1.0 mA
Power Good Output
PWRGD
6.0 V
−0.3 V
10 μA
30 mA
Power Ground
PGND
0 V
0 V
1.5 A peak, 200 mA DC
N/A
Logic Ground
LGND
0 V
0 V
100 mA
N/A
ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; 0°C < TJ < 125°C; 8.0 V < VCC < 20 V; 2.0 DAC Code:
(VID4 = VID3 = VID2 = VID1 = 0, VID0 = 1), CGATE(H) = CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCC Supply Current
Operating
1.0 V < VFB < VDAC (max on−time),
No Loads on GATE(H) and GATE(L)
12
20
mA
VCC Monitor
Start Threshold
GATE(H) switching
3.75
3.95
4.15
V
Stop Threshold
GATE(H) not switching
3.65
3.87
4.05
V
Hysteresis
Start−Stop
80
mV
Error Amplifier
VFB Bias Current
VFB = 0 V
0.1
1.0
μA
COMP Source Current
COMP = 1.2 V to 3.6 V; VFB = 1.9 V
15
30
60
μA
COMP CLAMP Voltage
VFB = 1.9 V, Adjust COMP voltage for Comp
current = 60 μA
0.85
1.0
1.15
V
COMP Clamp Current
COMP = 0 V
0.4
1.0
1.6
mA
COMP Sink Current
VCOMP = 1.2 V; VFB = 2.2 V; VSS > 2.5 V
180
400
800
μA
Open Loop Gain
Note 2
50
60
dB
Unity Gain Bandwidth
Note 2
0.5
2.0
MHz
PSRR @ 1.0 kHz
Note 2
60
85
dB
Overcurrent Detection
Current Limit Voltage
VFB = 0 V to 3.5 V, 8.0 V < VCC < 12 V + 10%
55
76
130
mV
ISENSE Bias Current
ISENSE = 2.8 V
13
30
50
μA
2. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com