Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5166HGDWR16 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5166HGDWR16
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166HGDWR16 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5166HGDWR16 Datasheet HTML 7Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 8Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 9Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 10Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 11Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 12Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 13Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 14Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CS5166H
http://onsemi.com
11
Switch on time is limited by an internal 30 μs (typical)
timer, minimizing stress to the power components.
Programmable Output
The CS5166H is designed to provide two methods for
programming the output voltage of the power supply. A five
bit on board digital to analog converter (DAC) is used to
program the output voltage within two different ranges. The
first range is 2.125 V to 3.525 V in 100 mV steps, the second
is 1.325 V to 2.075 V in 50 mV steps, depending on the
digital input code. If all five bits are left open, the CS5166H
enters adjust mode. In adjust mode, the designer can choose
any output voltage by using resistor divider feedback to the
VFB pin, as in traditional controllers. The CS5166H is
specifically designed to meet or exceed Intel’s Pentium II
specifications.
Start Up
Until the voltage on the VCC supply pin exceeds the 3.95 V
monitor threshold, the Soft Start and GATE pins are held
low. The FAULT latch is reset (no Fault condition). The
output of the error amplifier (COMP) is pulled up to 1.0 V by
the comparator clamp. When the VCC pin exceeds the
monitor threshold, the GATE(H) output is activated, and the
Soft Start capacitor begins charging. The GATE(H) output
will remain on, enabling the NFET switch, until terminated
by either the PWM comparator, or the maximum on time
timer.
If the maximum on time is exceeded before the regulator
output voltage achieves the 1.0 V level, the pulse is
terminated. The GATE(H) pin drives low, and the GATE(L)
pin drives high for the duration of the extended off time. This
time is set by the time out timer and is approximately equal
to the maximum on time, resulting in a 50% duty cycle. The
GATE(L) pin will then drive low, the GATE(H) pin will
drive high, and the cycle repeats.
When regulator output voltage achieves the 1.0 V level
present at the COMP pin, regulation has been achieved and
normal off time will ensue. The PWM comparator
terminates the switch on time, with off time set by the COFF
capacitor. The V2 control loop will adjust switch duty cycle
as required to ensure the regulator output voltage tracks the
output of the error amplifier.
The Soft Start and COMP capacitors will charge to their
final levels, providing a controlled turn on of the regulator
output. Regulator turn on time is determined by the COMP
capacitor charging to its final value. Its voltage is limited by
the Soft Start COMP clamp and the voltage on the Soft Start
pin.
Figure 11. Demonstration Board Startup in Response
to Increasing 12 V and 5.0 V Input Voltages. Extended
Off Time is Followed by Normal Off Time Operation
when Output Voltage Achieves Regulation to the Error
Amplifier Output.
M 250 μs
Trace 3− 12 V Input (VCC) (5.0 V/div.)
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 4− 5.0 V Input (1.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Figure 12. Demonstration Board Startup Waveforms
Trace 3− COMP PIn (error amplifier output) (1.0 V/div.).
Trace 1− Regulator Output Voltage (1.0 V/div.).
Trace 4− Soft Start Pin (2.0 V/div.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com