Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8128 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8128
Description  5V Linear Controller/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8128 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8128 Datasheet HTML 1Page - ON Semiconductor CS8128 Datasheet HTML 2Page - ON Semiconductor CS8128 Datasheet HTML 3Page - ON Semiconductor CS8128 Datasheet HTML 4Page - ON Semiconductor CS8128 Datasheet HTML 5Page - ON Semiconductor CS8128 Datasheet HTML 6Page - ON Semiconductor CS8128 Datasheet HTML 7Page - ON Semiconductor CS8128 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
VIN
Sense
Delay
Ref Gnd
SHUTDOWN
Pwr Gnd
VOUT
RRST
4.7 k
Ω
CDelay
0.022
µF
CO
10
µF
VOUT
(5V)
VIN
RIN
220
Ω
CIN
0.022
µF
TIP42B
ROUT
220
Ω
Gnd
CS8128
RESET
RBIAS
560
Ω
RESET
Test Circuit
Application Information
The CS8128 includes an over voltage shutdown circuit
which is activated by connecting the SHUTDOWN lead to
the input. Shutdown typically occurs at 36V. Grounding
the SHUTDOWN lead disables this function. With the
overvoltage shutdown disabled, the CS8128 will continue
to regulate during an overvoltage condition.
The CS8128 includes a thermal shutdown circuit that dis-
ables the output when junction temperature exceeds
approximately 180°C. This is a self-protection feature
designed to protect the CS8128. The thermal shutdown cir-
cuit does not monitor the temperature of the pass transis-
tor, which will probably be much hotter. To optimize ther-
mal shutdown, board design should minimize the differ-
ence in temperature of the CS8128 and the pass device.
External Pass Device
- Select a pass device that will deliv-
er the desired output current, withstand the maximum
expected input voltage, and dissipate the resulting power.
The CS8128 is compatible with a wide variety of Bipolar
and FET pass transistors.
Output Capacitor
- An output capacitor is required for sta-
bility in most applications. Though a 10µF capacitor should
be sufficient, regulator stability is dependent on the
characteristics of the pass transistor. Capacitor effective
series resistance (ESR) also factors in system stability. Some
bench work may be required to determine the capacitor
characteristics required for use in a particular application.
BIAS Resistor
- This resistor provides bias current for the
CS8128 output stage, and prevents the pass device from
“leaking”. It also speeds the turn-off of the pass device
during an overvoltage transient. For proper operation over
temperature, the recommended value is 560
Ω, although it
may be increased or decreased for a particular application.
ROUT Resistor - This resistor controls the drive current
available to the pass transistor. It also determines regula-
tor start-up current and short circuit current limit. For
bipolar pass transistors, it can be selected by use of the fol-
lowing formulae:
ROUT =
x ßQ1***
***
β
Q1 = Pass transistor minimum β @ maximum output
current.
Typical start-up current and current limit can be calculat-
ed as follows:
ISTART ≈
+ 5mA
ILimit ≈
x ßQ1 @ Current Limit
For example, if the minimum input voltage is 6V, maxi-
mum output current is 1Amp, and minimum transistor
β @ 1Amp is 60, then R
OUT can be calculated as follows:
ROUT ≈
x 60 = 300
Ω
IStart ≈
+ 5mA = 18.3mA
With VIN = 14V, and a pass transistor β of 40 @ current
limit:
ILimit ≈
x 40 = 1.7Amps
14V – 1V
300
Ω
4V
300
Ω
6V – 1V
1Amp
VIN – 1V
ROUT
4V
ROUT
VIN(min) – 1V
IOUT(max)
External Component Selection
Thermal Shutdown
Overvoltage Shutdown



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com