Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44673 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44673
Description  RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44673 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44673 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44673 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Female Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400,
LMR-400-DB, LMR-400-UF
Configuration
Connector
TNC Female Reverse Polarity
Connector Interface Type
PE-C400,PE-B400,PE-B405,LMR-400,LMR-400-
DB,LMR-400-UF
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.595 [40.51]
Width/Dia., in [mm]
0.54 [13.72]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Female Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-
UF from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Female Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-
400, LMR-400-DB, LMR-400-UF PE44673
URL: http://www.pasternack.com/tnc-female-reverse-polarity-pe-c400-0.400-connector-pe44673-p.aspx
PE44673
PE44673 REV 01
RP TNC Female Connector Crimp/Solder
Attachment For PE-C400, PE-B400, PE-B405,
LMR-400, LMR-400-DB, LMR-400-UF


Similar Part No. - PE44673

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44674 PASTERNACK-PE44674 Datasheet
129Kb / 1P
50 OHM BNC FEMALE SOLDERCLAMP ATTACHMENT FOR RG401 PE-SR401AL PE-SR401FL
More results

Similar Description - PE44673

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com