Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44804 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44804
Description  TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44804 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44804 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44804 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male Connector Crimp/Crimp Attachment For PE-C200, LMR-200, With Delrin Insulator
Configuration
Connector
TNC Male
Connector Interface Type
PE-C200,LMR-200
Cable Attachment Method (Shield/Contact)
Crimp/Crimp
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.981 [24.92]
Width/Dia., in [mm]
0.571 [14.50]
.
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male Connector with Delrin Insulator Crimp/Crimp Attachment For PE-C200, LMR-200 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Crimp/Crimp Attachment For PE-C200, LMR-200, With Delrin Insulator
PE44804
URL: http://www.pasternack.com/tnc-male-standard-pe-c200-lmr-200-connector-pe44804-p.aspx
PE44804
PE44804 REV
TNC Male Connector with Delrin Insulator Crimp/
Crimp Attachment For PE-C200, LMR-200


Similar Part No. - PE44804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
1.85mm Female Precision Connector Clamp-Solder
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
More results

Similar Description - PE44804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44062 PASTERNACK-PE44062 Datasheet
93Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR PE-C200 & LMR200
PE44044 PASTERNACK-PE44044 Datasheet
223Kb / 3P
N Male Connector Crimp/Solder Attachment For PE-C200
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR 200
PE44041 PASTERNACK-PE44041 Datasheet
117Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR PE-C200 &LMR200
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44844 PASTERNACK-PE44844 Datasheet
254Kb / 2P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44845 PASTERNACK-PE44845 Datasheet
254Kb / 2P
SMA Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE44846 PASTERNACK-PE44846 Datasheet
364Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com