Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5031 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5031
Description  Advanced multi-channel single chip UHF transmitter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5031 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5031 Datasheet HTML 17Page - ON Semiconductor AX5031 Datasheet HTML 18Page - ON Semiconductor AX5031 Datasheet HTML 19Page - ON Semiconductor AX5031 Datasheet HTML 20Page - ON Semiconductor AX5031 Datasheet HTML 21Page - ON Semiconductor AX5031 Datasheet HTML 22Page - ON Semiconductor AX5031 Datasheet HTML 23Page - ON Semiconductor AX5031 Datasheet HTML 24Page - ON Semiconductor AX5031 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Circuit Description
www.onsemi.com
AX5031
21
5.8.
Framing and FIFO
Most radio systems today group data into packets. The framing unit is responsible for
converting these packets into a bit-stream suitable for the modulator.
The Framing unit supports three different modes:
HDLC
Raw
802.15.4 compliant
The micro-controller communicates with the framing unit through a 32 level  10 bit FIFO. The
FIFO decouples micro-controller timing from the radio (modulator) timing. The bottom 8 bits
of the FIFO contain transmit data. The top 2 bit are used to convey meta information in HDLC
and 802.15.4 modes. They are unused in Raw mode. The meta information consists of packet
begin / end information and the result of CRC checks. The FIFO can be written in power-
down mode.
The FIFO can be operated in polled or interrupt driven modes. In polled mode, the micro-
controller must periodically read the FIFO status register or the FIFO count register to
determine whether the FIFO needs servicing.
In interrupt mode EMPTY, NOT EMPTY, FULL, NOT FULL and programmable level interrupts are
provided. The AX5031 signals interrupts by asserting (driving high) its IRQ line. The interrupt line
is level triggered, active high. Interrupts are acknowledged by removing the cause for the
interrupt, i.e. by emptying or filling the FIFO.
Basic FIFO status (EMPTY, FULL, Overrun, Underrun, and the top two bits of the top FIFO word)
are also provided during each SPI access on MISO while the micro-controller shifts out the
register address on MOSI. See the SPI interface section for details. This feature significantly
reduces the number of SPI accesses necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com