Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5043 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 3 Page - ON Semiconductor

  AX5043 Datasheet HTML 1Page - ON Semiconductor AX5043 Datasheet HTML 2Page - ON Semiconductor AX5043 Datasheet HTML 3Page - ON Semiconductor AX5043 Datasheet HTML 4Page - ON Semiconductor AX5043 Datasheet HTML 5Page - ON Semiconductor AX5043 Datasheet HTML 6Page - ON Semiconductor AX5043 Datasheet HTML 7Page - ON Semiconductor AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
AX5043
www.onsemi.com
3
BLOCK DIAGRAM
Figure 1. Functional Block Diagram of the AX5043
AX5043
3
ANTP
4
ANTN
IF Filter &
AGC PGAs
AGC
Crystal
Oscillator
typ.
16 MHz
F
OUT
F
XTAL
Communication Controller &
Serial Interface
Divider
ADC
Digital IF
channel
filter
LNA
PA diff
De-
modulator
Modulator
Mixer
28
27
Chip configuration
13
Voltage
Regulator
POR
PA se
5
P1
Low Power
Oscillator
640 Hz/10kHz
References
Wake on Radio
Registers
19 20 21
1,7
23
8
9
RF Frequency
Generation
Subsystem
RF Output
27 MHz –
1.05 GHz
10
12
11
25
26
ANT
14 15
16 17
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com