Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8164 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8164 Datasheet HTML 1Page - ON Semiconductor CS8164 Datasheet HTML 2Page - ON Semiconductor CS8164 Datasheet HTML 3Page - ON Semiconductor CS8164 Datasheet HTML 4Page - ON Semiconductor CS8164 Datasheet HTML 5Page - ON Semiconductor CS8164 Datasheet HTML 6Page - ON Semiconductor CS8164 Datasheet HTML 7Page - ON Semiconductor CS8164 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Characteristics: continued
OUTPUT CURRENT (mA)
120
100
80
60
40
20
0
0
200
400
600
800
ISTBY=10mA
Quiescent Current vs. Output Current
150
TIME (
µs)
100
50
0
-50
-100
-150
20
15
10
5
0
0
102030405060
Load Transient Response (VOUT2)
AMBIENT TEMPERATURE (
°C)
20
18
16
14
12
10
8
6
4
2
0
0
10
20
30
40
50
60
70
80
90
INFINITE
HEAT SINK
10
°C/W HEAT SINK
NO HEAT SINK
Maximum Power Dissipation (TO-220)
150
TIME (
µs)
100
50
0
-50
-100
-150
0.8
0.6
0.4
0.2
0
0
102030405060
Load Transient Response (VOUT1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com