Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1670CD Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1670CD
Description  5 - BIT PROGRAMMABLE VOTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1670CD Datasheet(HTML) 7 Page - Microsemi Corporation

  LX1670CD Datasheet HTML 1Page - Microsemi Corporation LX1670CD Datasheet HTML 2Page - Microsemi Corporation LX1670CD Datasheet HTML 3Page - Microsemi Corporation LX1670CD Datasheet HTML 4Page - Microsemi Corporation LX1670CD Datasheet HTML 5Page - Microsemi Corporation LX1670CD Datasheet HTML 6Page - Microsemi Corporation LX1670CD Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-B IT P ROGRAMMABLE V O L TAGE R EFERENCE
LX1670
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1997
Rev. 1.0
7/97
P RODUCTION D AT A S HEET
Pentium is a registered trademark of Intel Corporation.
APPLICA TION INFORMA TION
FIGURE 1 — LX1660/61 CONTROLLER USED WITH THE LX1670 PROGRAMMABLE REFERENCE/DAC CHIP FOR PENTIUM PRO PROCESSOR
OR PENTIUM II PROCESSOR APPLICATIONS. GUARANTEED TO MEET INTEL SPECIFICATIONS.
Note 1. Setup shown is for 5V application. For 12V input change the following: - Close JP1 and JP4
- Open JP2 and JP3
- For C2 and C11, use 16V/850µF capacitors instead
- Inductor L1 = 10µH
OV
OUT
ENABLE
BLKEN
GND
V
SENSE
VIDO
D4
D3
D2
D1
D0
D4B
V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
10K
C3
0.1µF
R2
VID4
VID3
VID2
VID1
VID0
P
GOOD
PWRGD
OUTEN
LX1670
C10
0.1µF
C7
0.1µF
1K
R3
C8
680pF
V
VREF
INV
NINV/SS
HICCUP
OT
ADJ
EN
PGND
BDRV
V
CC
SYNCEN
CS+
TDRV
V
C1
1
2
3
4
5
6
7
16
15
14
13
12
11
10
SGND
LX1661
C
T
8
C4
390µF
CS- 9
R4
1K
C9
1µF
R7 10
1K
R6
R8 10
R5
1K
C1
390pF
JP3
JP4
C19
0.1µF
VRM
CONTROLLER
D1
1N4148
D2
1N4148
Q1
IRL3103
Q2
IRL3103
C20
0.1µF
R13
10
L1
TOROID
5µH
R1
5m
Ω
Q3
2N6504
C13
C12
C5
SUPPLY OUTPUT CLAMP
C2
1500µF
6.3V
C11
JP2
JP1
5V
IN
12V
IN
F1
16A 32V
1500µF
6.3V
See Note 1
See Note 1
See Note 1
PRODUCTION DATA - Information contained in this document is proprietary to Linfinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of Linfinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com