Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37270MF-100SP Datasheet(PDF) 47 Page - Mitsubishi Electric Semiconductor

Part # M37270MF-100SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37270MF-100SP Datasheet(HTML) 47 Page - Mitsubishi Electric Semiconductor

Back Button M37270MF-100SP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37270MF-100SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
47
Flash mode selection bit
0 : Color signal of character
background part does not
flash
1 : Color signal of character
background part flashes
7
OSD control register
(OC : address 00CE16)
OSD control bit (Note 1)
0 : All-blocks display off
1 : All-blocks display on
Scan mode selection bit
0 : Normal scan mode
1 : Bi-scan mode
Border type selection bit
0 : All bordered
1 : Shadow bordered (Note 2)
Automatic solid space control
bit
0 : OFF
1 : ON
Window control bit
0 : OFF
1 : ON
Layer mixing control bits (Note 3)
b7 b6
0 0 : Logical sum (OR) of
layer 1’s color and
layer 2’s color
0 1 : Layer 1’s color has priority
1 0 : Layer 2’s color has priority
1 1 : Do not set
Notes 1 : Even this bit is switched during display, the display screen
remains unchanged until a rising (falling) of the next VSYNC.
2 : Shadow border is output at right and bottom side of the font.
3 : Set “00” during displaying extra fonts.
Display layer
Layer 1
Layer 2
Dot size
1TC ! 1/2H
1TC ! 1H
2TC ! 2H
3TC ! 3H
1TC ! 1/2H
1TC ! 1H
2TC ! 2H
3TC ! 3H
1TC ! 1/2H
1TC ! 1H
2TC ! 2H
3TC ! 3H
1TC ! 1/2H
1TC ! 1H
1TC ! 1/2H
1TC ! 1H
1.5TC ! 1/2H
1.5TC ! 1H
b3
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
b4
0
0
1
1
0
0
1
1
0
0
1
1
—
—
0
0
1
1
b6
0
0
1
1
1
Table 11. Setting value of block control registers
Pre-divide
ratio
! 1
! 2
! 3
! 1
! 2
b5
0
1
0
1
1
CS6
—
—
—
0
1
Notes 1: CS6 : Bit 6 of clock control register (Address 021616)
2: TC : OSD clock cycle divided in the pre-divide circuit
3: H: HSYNC
7
Block control register i
(i = 1 to 16)
(BCi : addresses 00D016 to 00DF)
Display mode selection bits
b1 b0
0
0 : Display OFF
0
1 : OSD mode
1
0 : CC mode
1
1 : EXOSD mode
Border control bit
0 : Border OFF
1 : Border ON
Notes : Bit 4 of the color code 1 controls OUT1 output
when bit 7 is “0.”
Bit 4 of the color code 1 controls OUT2 output
when bit 7 is “1.”
Dot size selection bit
Refer to Table 11.
Pre-divide ratio • layer selection
bits
Refer to Table 11.
OUT 2 output control bit (Note)
0 : OUT2 output OFF
1 : OUT2 output ON
Fig. 50. Structure of block control registers
Fig. 49. Structure of OSD control register
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com