Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5202CDWP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5202CDWP
Description  18-LINE, 關 POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5202CDWP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5202CDWP Datasheet HTML 1Page - Microsemi Corporation LX5202CDWP Datasheet HTML 2Page - Microsemi Corporation LX5202CDWP Datasheet HTML 3Page - Microsemi Corporation LX5202CDWP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P ACKAGE ORDER INFO
0 to 70
LX5202CDWP
Plastic SOWB
28-pin, Power
DWP
T
A (°C)
18-LINE , µP OWER SCSI T ERMINAT O R
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX5202
LIN D OC #: 5202
DESCRIPTION
KEY FEA TURES
s 6pF OUTPUT CAPACITANCE DURING
DISCONNECT
s 60µA SUPPLY CURRENT IN DISCON-
NECT MODE
s 800µA SUPPLY CURRENT DURING
NORMAL OPERATION
s 200mA SINK CURRENT FOR ACTIVE
NEGATION
s LOGIC COMMAND DISCONNECTS ALL
TERMINATION LINES
s CURRENT LIMIT AND THERMAL
PROTECTION
s COMPATIBLE WITH SCSI 1, 2 AND 3
STANDARDS
s CONSULT FACTORY FOR APPLICATION
TEST REPORT: 5202TR
The LX5202 is an eighteen-line active termi-
nator for the SCSI parallel bus.
This SCSI
standard recommends active termination at
both ends of the SCSI bus.
During disconnect mode, the LX5202 re-
quires a meager 60µA of supply current while
offering only 6pF of output capacitance. To
enter this low-power mode, the disconnect
pin can be left open (floating) or driven high,
thereby disconnecting the terminating resis-
tors and placing the internal low dropout
regulator into low-power mode. In discon-
nect mode, each termination line presents
a high impedance to the SCSI bus with the
overall effect being to preserve high signal
integrity and yield subsequent reliable, error-
free communications.
During normal operation, the LX5202 con-
sumes only 800µA of current, which is the
lowest enabled supply current of any termi-
nator available on the market today.
Linfinity's proprietary BiCMOS low dropout
regulator architecture enables this unique
and very efficient operating characteristic.
The LX5202 also offers a precisely trimmed
channel output current specified to a 5%
tolerance. The maximum value of the output
current is trimmed as closely as possible to
the SCSI standard maximum specification to
give the highest possible noise margin for
fast SCSI operation. And the LX5202 sinks
up to 200mA of current making it compatible
with today's fast active negation drivers.
The LX5202 is a superior, pin-for-pin re-
placement for a variety of industry products
such as the UC5601 and UC5602.
PRODUCT HIGHLIGHT
RECEIVING WAVEFORM - 5MHZ
DRIVING WAVEFORM - 5MHZ
Receiver
LX5202
LX5202
LX5268
LX5268
1 Meter, AWG 28
Driver
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX5202CDWPT)
NOTE:
For An In-Depth
Discussion On Applying
SCSI, Request Linfinity
Application Note:
"Understanding The
Single-Ended SCSI Bus"
Copyright © 1998
Rev. 1.9
3/98
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.


Similar Part No. - LX5202CDWP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CDP MICROSEMI-LX5203CDP Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CN MICROSEMI-LX5203CN Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5204 MICROSEMI-LX5204 Datasheet
149Kb / 4P
9-LINE HOT SWAP, 關POWER SCSI TERMINATOR
LX5204CDP MICROSEMI-LX5204CDP Datasheet
149Kb / 4P
9-LINE HOT SWAP, 關POWER SCSI TERMINATOR
More results

Similar Description - LX5202CDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
18-Line SCSI Terminator Reverse Disconnect
UCC5618 TI-UCC5618 Datasheet
235Kb / 5P
18-Line SCSI Terminator
logo
Microsemi Corporation
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
LX5207 MICROSEMI-LX5207 Datasheet
140Kb / 4P
18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5208 MICROSEMI-LX5208 Datasheet
144Kb / 4P
18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5618QPTR TI-UCC5618QPTR Datasheet
760Kb / 9P
18-Line SCSI Terminator
UCC5618DWP TI1-UCC5618DWP Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com