Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5213 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5213
Description  9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5213 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5213 Datasheet HTML 1Page - Microsemi Corporation LX5213 Datasheet HTML 2Page - Microsemi Corporation LX5213 Datasheet HTML 3Page - Microsemi Corporation LX5213 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
LX5213
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.9
7/97
4
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
VBG
DISCONNECT
V
TERM
REG OUT
V
TERM
V
TERM
T0
T8
Channel
1 of 9
APPLICA TION SCHEMA TIC
LX5213
ATN
BSY
ACK
RST
MSG
TERM POWER
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
5V
LX5213
SCSI CABLE
Note: Add third LX5213 for 16-bit SCSI
TERMPWR
HOST
PERIPHERAL
V
TERM
REGOUT
2.2µF
2.2µF
2.2µF
5V
TERM POWER
ATN
BSY
ACK
RST
MSG
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
V
TERM
V
TERM
REGOUT
REGOUT
V
TERM
LX5213
LX5213
TERMPWR
2.2µF
2.2µF
2.2µF
REGOUT
FIGURE 2 — 8-BIT SCSI SYSTEM APPLICATION
FIGURE 1 — LX5213 BLOCK DIAGRAM
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com