Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2260 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ENA2260
Description  8M-bit (1024K x 8) Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2260 Datasheet(HTML) 1 Page - ON Semiconductor

  ENA2260 Datasheet HTML 1Page - ON Semiconductor ENA2260 Datasheet HTML 2Page - ON Semiconductor ENA2260 Datasheet HTML 3Page - ON Semiconductor ENA2260 Datasheet HTML 4Page - ON Semiconductor ENA2260 Datasheet HTML 5Page - ON Semiconductor ENA2260 Datasheet HTML 6Page - ON Semiconductor ENA2260 Datasheet HTML 7Page - ON Semiconductor ENA2260 Datasheet HTML 8Page - ON Semiconductor ENA2260 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
D1813HKPC No.A2260-1/23
Semiconductor Components Industries, LLC, 2013
December, 2013
http://onsemi.com
LE25S80FD
Overview
The LE25S80FD is a SPI bus flash memory device with a 8M bit (1024K
 8-bit) configuration that adds a high
performance Dual output and Dual I/O function. It uses a single 1.8V power supply. While making the most of the
features inherent to a serial flash memory device, the LE25S80FD is housed in an 8-pin ultra-miniature package. All
these features make this device ideally suited to storing program in applications such as portable information devices,
which are required to have increasingly more compact dimensions. The LE25S80FD also has a small sector erase
capability which makes the device ideal for storing parameters or data that have fewer rewrite cycles and conventional
EEPROMs cannot handle due to insufficient capacity.
Function
 Read/write operations enabled by single 1.8V power supply : 1.65 to 1.95V supply voltage range
 Operating frequency
: 40MHz
 Temperature range
: –40 to +90
C
 Serial interface
: SPI mode 0, mode 3 supported
 Sector size
: 4K bytes/small sector, 64K bytes/sector
 Small sector erase, sector erase, chip erase functions
 Page program function (256 bytes / page)
 Block protect function
 Data retention period
: 20 years
 Status functions
: Ready/busy information, protect information
 Highly reliable read/write
Number of rewrite times
: 100,000 times
Small sector erase time
: 40ms (typ.), 150ms (max.)
Sector erase time
: 80ms (typ.), 250ms (max.)
Chip erase time
: 500ms (typ.), 6.0s (max.)
Page program time
: 0.8ms/256 bytes (typ.), 1.0ms/256 bytes (max.)
 Package
: VSOIC8 NB, CASE 753AA
Ordering number : EN*A2260
CMOS LSI
8M-bit (1024K
 8) Serial Flash Memory
ORDERING INFORMATION
See detailed ordering and shipping information on page 23 of this data sheet.
Advance Information
* This product is licensed from Silicon Storage Technology, Inc. (USA).
VSOIC8 NB
This document contains information on a new product. Specifications and information
herein are subject to change without notice.


Similar Part No. - ENA2260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - ENA2260

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
8 Megabit (1024K x 8-bit) Flash Memory
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com