Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2286 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ENA2286
Description  8M-bit (1024K x 8) Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2286 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ENA2286 Datasheet HTML 4Page - ON Semiconductor ENA2286 Datasheet HTML 5Page - ON Semiconductor ENA2286 Datasheet HTML 6Page - ON Semiconductor ENA2286 Datasheet HTML 7Page - ON Semiconductor ENA2286 Datasheet HTML 8Page - ON Semiconductor ENA2286 Datasheet HTML 9Page - ON Semiconductor ENA2286 Datasheet HTML 10Page - ON Semiconductor ENA2286 Datasheet HTML 11Page - ON Semiconductor ENA2286 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LE25U81AMC
No.A2286-8/23
Description of Commands and Their Operations
A detailed description of the functions and operations corresponding to each command is presented below.
1. Standard SPI read
There are two read commands, the standard SPI read command and High-speed read command.
1-1. Read command
Consisting of the first through fourth bus cycles, the 4 bus cycle read command inputs the 24-bit addresses following
(03h). The data is output from SO on the falling clock edge of fourth bus cycle bit 0 as a reference. "Figure 4-a Read"
shows the timing waveforms.
Figure 4-a Read
1-2. High-speed read command
Consisting of the first through fifth bus cycles, the High-speed read command inputs the 24-bit addresses and 8 dummy
bits following (0Bh). The data is output from SO using the falling clock edge of fifth bus cycle bit 0 as a reference.
"Figure 4-b High-speed Read" shows the timing waveforms.
Figure 4-b High-speed Read
N+2
N+1
N
CS
High Impedance
DATA
DATA
DATA
SCK
SO
SI
03h
Add.
Add.
Add.
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31
39
47
8CLK
Mode0
Mode3
32
40
N+2
N+1
N
CS
High Impedance
DATA
DATA
DATA
SCK
SO
SI
0Bh
Add.
Add.
Add.
X
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47 48
55
Mode3
Mode0
8CLK
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com