Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA0151CS Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA0151CS
Description  Ambient Light Sensor Linear Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA0151CS Datasheet(HTML) 2 Page - ON Semiconductor

  LA0151CS Datasheet HTML 1Page - ON Semiconductor LA0151CS Datasheet HTML 2Page - ON Semiconductor LA0151CS Datasheet HTML 3Page - ON Semiconductor LA0151CS Datasheet HTML 4Page - ON Semiconductor LA0151CS Datasheet HTML 5Page - ON Semiconductor LA0151CS Datasheet HTML 6Page - ON Semiconductor LA0151CS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA0151CS
www.onsemi.com
2
Ipd
LA0151CS
VCC
OUT
A
A
Light
source
ELECTRICAL AND OPTICAL CHARACTERISTICS at Ta
 25C, VCC = 3.3V (Note 3)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current dissipation (1) (Note 5, 7)
ICC
Ev = 1000 lx, RL = 5k, N mode
90
150
210
A
Current dissipation (2) (Note 5, 7)
ICC
Ev = 1000 lx, RL = 5k, L mode
42
70
98
A
Output current (1) (Note 5, 7)
IO1
Ev = 100 lx, N mode
6
8
10
A
Output current (2) (Note 5, 7)
IO2
Ev = 1000 lx, N mode
60
80
100
A
Output current (3) (Note 5, 7)
IO3
Ev = 100 lx, L mode
0.12
0.16
0.2
A
Output current (4) (Note 5, 7)
IO4
Ev = 1000 lx, L mode
1.2
1.6
2.0
A
Dark current
Ileak
Ev = 0 lx, N mode, L mode
0.1
A
Temperature coefficient (Note 6)
Itc
Ev = 100 lx, N mode, L mode,
Ta = -20 to 60
C
0.34
%/
C
Rise time (1) (Note 8)
Tr1
Ev = 1000 lx, RL = 5k, N mode
15
40
s
Rise time (2) (Note 8)
Tr2
Ev = 1000 lx, RL = 500k, L mode
20
50
s
Fall time (1) (Note 8)
Tf1
Ev = 1000 lx, RL = 5k, N mode
150
500
s
Fall time (2) (Note 8)
Tf2
Ev = 1000 lx, RL = 500k, L mode
150
500
s
Peak sensitivity wave length (Note 6)
p
550
nm
Saturation output voltage (Note 9)
VO
Ev = 1000 lx, RL = 150k, N mode
3.0
3.2
V
3. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may
not be indicated by the Electrical Characteristics if operated under different conditions.
4. N mode and L mode stand for the normal gain mode and the low gain mode, respectively.
5. Measured with the standard light source A. White LED is used instead in the mass production line.
6. Design guaranteed item
7. Test circuit for measuring current dissipation and output current
8. Measuring method of rise time (Tr) and fall time (Tf)
9. Reference value : min = 2.6V and typ = 2.8V when VCC = 2.9V
Ipd
0A
VOUT
90%
10%
Tf
Tr
GND
Ipd
LA0151CS
VCC
OUT
Pulse drive
White LED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com