Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA0152CS Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA0152CS
Description  Ambient Light Sensor Linear Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA0152CS Datasheet(HTML) 3 Page - ON Semiconductor

  LA0152CS Datasheet HTML 1Page - ON Semiconductor LA0152CS Datasheet HTML 2Page - ON Semiconductor LA0152CS Datasheet HTML 3Page - ON Semiconductor LA0152CS Datasheet HTML 4Page - ON Semiconductor LA0152CS Datasheet HTML 5Page - ON Semiconductor LA0152CS Datasheet HTML 6Page - ON Semiconductor LA0152CS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA0152CS
www.onsemi.com
3
PAD LAYOUT
Ball pitch : 0.5mm, Ball size : 0.18mm 
PAD LAYOUT (Photos)
* The photo diode is located in pin 3. Be careful not to mistake the pin 1 mark for the photo diode.
INTRNAL BLOCK DIAGRAM
Pin No.
Pin Name
Function
1
VCC
Power supply
2
EN
Enable
3
GND
Ground
4
OUT
Output
4
1
3
2
1
4
2
3
<Bottom View>
<Top View>
Top View
Bottom View
1
1,VCC
2,EN
3,Gnd
4,Out
2
4
3
4
3
1
2
Photo diode. Only this part looks dark on the product.
Pin 1 mark
It is located at the center of the bottom
of the pakage.
PD
1
4
2
3
VCC
OUT
EN
GND
Current
amplifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com