Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8941 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8941
Description  ADJUSTABLE LOW DROPOUT REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8941 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8941 Datasheet HTML 1Page - Microsemi Corporation LX8941 Datasheet HTML 2Page - Microsemi Corporation LX8941 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A DJUST ABLE L OW D ROPOUT R EGULA TOR
LX8941
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 0.6
4/99
2
P RELIMINAR Y
D AT A
S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage (V
IN) ....................................................................................................... 26V
Operating Junction Temperature
Plastic (P, DD Package) ........................................................................................ 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
4.5°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DD PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
4.5°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
The
θ
JA
numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
BLOCK DIAGRAM
* Required if regulator is located far from power supply
filter.
INPUT VOLTAGE
THERMAL
SHUTDOWN
ON/
OFF
ON
OFF
5
ON/OFF
CIRCUIT
GND
3
4
2
ADJ
V
O
1
V
IN
OUTPUT
VOLTAGE
C1*
0.1µF
C2
10µF
LX8941
ON/OFF
ADJ
GND
V
O
V
IN
P PACKAGE
(Top View)
1
5
DD PACKAGE
(Top View)
ON/OFF
ADJ
GND
V
O
V
IN
3
2
1
4
5
TAB IS GND
TAB IS GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com