Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33064DM Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MC33064DM
Description  UNDERVOLTAGE SENSING CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064DM Datasheet(HTML) 2 Page - Microsemi Corporation

  MC33064DM Datasheet HTML 1Page - Microsemi Corporation MC33064DM Datasheet HTML 2Page - Microsemi Corporation MC33064DM Datasheet HTML 3Page - Microsemi Corporation MC33064DM Datasheet HTML 4Page - Microsemi Corporation MC33064DM Datasheet HTML 5Page - Microsemi Corporation MC33064DM Datasheet HTML 6Page - Microsemi Corporation MC33064DM Datasheet HTML 7Page - Microsemi Corporation MC33064DM Datasheet HTML 8Page - Microsemi Corporation MC33064DM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
6/99
2
P RODUCTION
D AT A
S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage (V
IN) ............................................................................... -1V to 10V
RESET Output Voltage (V
OUT) ..................................................................................... 10V
Output Sink Current (I
OL) ............................................................ Internally Limited (mA)
Clamp Diode Forward Current (I
F), Pin 1 to pin 2 ............................................... 100mA
Operating Junction Temperature
Plastic (DM, LP - Packages) .................................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
DM PACKAGE
(Top View)
Note 1. Values beyond which damage may occur. All voltages are specified with respect to
ground, and all currents are positive into the specified terminal.
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Junction Temperature Calculation:
T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow
THERMAL DATA
BLOCK DIAGRAM
LP PACKAGE
(Top View)
3. GROUND
2. V
IN
1. RESET
RESET
V
IN
N.C.
GROUND
N.C.
N.C.
N.C.
N.C.
18
27
36
45
1.2 V
REF
V
IN
RESET
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com