Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM73302MF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SM73302MF/NOPB
Description  SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM73302MF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button SM73302MF/NOPB Datasheet HTML 17Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 18Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 19Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 20Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 21Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 22Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 23Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 24Page - Texas Instruments SM73302MF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SM73302
www.ti.com
SNOSB93A – AUGUST 2011 – REVISED APRIL 2013
Figure 57. RC = 330Ω and C = 10 nF, Gain = +1
Figure 58. LMP7715 Response Gain = +1
With no increase in power consumption the decompensated op amp offers faster speed than the compensated
equivalent part . These examples used RF = 2 kΩ. This value is high enough to be easily driven by the SM73302,
yet small enough to minimize the effects from the parasitic capacitance of both the PCB and the op amp.
Note: When using the SM73302, proper high frequency PCB layout must be followed. The GBW of these parts is
88 MHz, making the PCB layout significantly more critical than when using the compensated counterparts which
have a GBW of 17 MHz.
TRANSIMPEDANCE AMPLIFIER
An excellent application for the SM73302 is as a transimpedance amplifier. With a GBW product of 88 MHz this
part is ideal for high speed data transmission by light. The circuit shown on the front page of the datasheet is the
circuit used to test the SM73302 as a transimpedance amplifier. The only change is that VB is tied to the VCC of
the part, thus the direction of the diode is reversed from the circuit shown on the front page.
Very high speed components were used in testing to check the limits of the SM73302 in a transimpedance
configuration. The photodiode part number is PIN-HR040 from OSI Optoelectronics. The diode capacitance for
this part is only about 7 pF for the 2.5V bias used (VCC to virtual ground). The rise time for this diode is 1 nsec. A
laser diode was used for the light source. Laser diodes have on and off times under 5 nsec. The speed of the
selected optical components allowed an accurate evaluation of the SM73302 as a transimpedance amplifier. An
evaluation board for decompensated op amps, PN 551013271-001 A, was used and only minor modifications
were necessary and no traces had to be cut.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SM73302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com