Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072QDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL072QDREP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072QDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL072QDREP Datasheet HTML 7Page - Texas Instruments TL072QDREP Datasheet HTML 8Page - Texas Instruments TL072QDREP Datasheet HTML 9Page - Texas Instruments TL072QDREP Datasheet HTML 10Page - Texas Instruments TL072QDREP Datasheet HTML 11Page - Texas Instruments TL072QDREP Datasheet HTML 12Page - Texas Instruments TL072QDREP Datasheet HTML 13Page - Texas Instruments TL072QDREP Datasheet HTML 14Page - Texas Instruments TL072QDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
100
µF
TL074
Output C
VCC+
VCC+
Output B
TL074
VCC+
Output A
TL074
VCC+
TL074
VCC+
100 k
Ω
Input
1
µF
1 M
Ω
100 k
Ω
100 k
Ω
VCC−
100 k
Ω
VCC−
VCC−
VCC−
−15 V
6 sin ωt
6 cos ωt
88.4 kΩ
VCC+
VCC−
VCC+
VCC−
1N4148
18 pF
18 pF
1 kΩ
18 kΩ (see Note A)
15 V
TL072
TL072
88.4 kΩ
88.4 kΩ
18 pF
1 kΩ
18 kΩ (see Note A)
1N4148
NOTE A: These resistor values may be adjusted for a symmetrical output.
TL072-EP, TL074-EP
www.ti.com
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
APPLICATION INFORMATION
Figure 22. 100-kHz Quadrature Oscillator
Figure 23. Audio-Distribution Amplifier
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL072-EP TL074-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com