Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF559 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MRF559
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF559 Datasheet(HTML) 2 Page - Microsemi Corporation

  MRF559 Datasheet HTML 1Page - Microsemi Corporation MRF559 Datasheet HTML 2Page - Microsemi Corporation MRF559 Datasheet HTML 3Page - Microsemi Corporation MRF559 Datasheet HTML 4Page - Microsemi Corporation MRF559 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1317.PDF 10-25-99
MRF559
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 5.0 mAdc, IB = 0)
16
-
-
Vdc
BVCBO
Collector-Base Breakdown Voltage
(IC = 0.1 mAdc, IB = 0)
30
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
3.0
-
-
Vdc
ICES
Collector Cutoff Current
(VCE = 15 Vdc, VBE = 0 Vdc)
-
-
1.0
mA
(on)
HFE
DC Current Gain
(IC = 50 mAdc, VCE = 10 Vdc)
30
-
200
-
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
COB
Output Capacitance
(VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz)
-
2.5
3.0
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com