Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF586 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF586
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF586 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF586 Datasheet HTML 1Page - Microsemi Corporation MRF586 Datasheet HTML 2Page - Microsemi Corporation MRF586 Datasheet HTML 3Page - Microsemi Corporation MRF586 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSC1320.PDF 10-25-99
MRF586
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain (1)
IC = 40 mAdc, VCE = 15Vdc,
f = 300 MHz
-
12.5
-
dB
MAG
Maximum Available Gain
IC = 40 mAdc, VCE = 15Vdc,
f = 300 MHz
-
13.5
-
dB
|S21|
2
Insertion Gain
IC = 40 mAdc, VCE = 15Vdc,
f = 300 MHz
10
11.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 15 V, IC = 40 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.096
107
10.28
103
.053
84
.479
-40
200
.129
114
5.58
89
.104
83
.361
-49
300
.165
108
3.94
79
.160
76
.356
-56
400
.185
115
3.04
71
.192
74
.388
-71
500
.237
115
2.64
67
.246
75
.384
-79
600
.247
112
2.42
60
.288
71
.408
-82
700
.247
113
2.26
54
.326
69
.417
-84
800
.238
118
2.06
48
.334
67
.432
-87
900
.260
119
1.97
47
.369
71
.420
-91
1000
.246
116
2.06
43
.405
67
.444
-92



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com