Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE85N1021 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE85N1021
Description  50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1021 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE85N1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE85N1021 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Connectors
DC Connector
BNC Female
Output Connector
SMA Male
Environmental Specifications
Temperature
Operating Range
-20 to 75 deg C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
PE85N1021 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz
to 6 GHz PE85N1021
Noise Generators Technical Data Sheet
PE85N1021
50 Ohm BNC Medium Power Noise Source With A Noise
Output ENR Of 15 dB From 10 MHz to 6 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com