Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE87FL1013 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE87FL1013
Description  11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1013 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE87FL1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-5
-4
-3
-2
-1
0
2000
2200
2400
2600
2800
3000
3200
3400
3600
3800
4000
dB
MHz
Insertion Loss
PE87FL1013 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz
With a 2 GHz Passband
PE87FL1013
11 Section Bandpass Filter With SMA Female Connectors
Operating From 2 GHz to 4 GHz With a 2 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1013



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com