Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8429 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8429
Description  50 Ohm N Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8429 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8429 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8429 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Connector 2
N Female
Frequency Range
330 MHz to 403 MHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
330
403
MHz
Impedance
50
Ohms
Insertion Loss
0.5
dB
Forward Power
150
Watts
Reverse Power
70
Watts
Input VSWR
1.25:1
Isolation
20
dB
.
Mechanical Specifications
Temperature
Operating Range
-30 to 70 deg C
Size
Length
4.7 in [119.38 mm]
Width
3.7 in [93.98 mm]
Height
1.2 in [30.48 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isola-
tion PE8429
PE8429
PE8429 REV 1.0
50 Ohm N Circulator Operating From 330 MHz to
403 MHz And 150 Watts With 20 dB Isolation


Similar Part No. - PE8429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8422 PASTERNACK-PE8422 Datasheet
162Kb / 2P
50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8423 PASTERNACK-PE8423 Datasheet
164Kb / 2P
50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
More results

Similar Description - PE8429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8321 PASTERNACK-PE8321 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8322 PASTERNACK-PE8322 Datasheet
315Kb / 2P
50 Ohm N Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8323 PASTERNACK-PE8323 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8324 PASTERNACK-PE8324 Datasheet
315Kb / 2P
50 Ohm N Isolator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8326 PASTERNACK-PE8326 Datasheet
315Kb / 2P
50 Ohm N Isolator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8426 PASTERNACK-PE8426 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8427 PASTERNACK-PE8427 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8428 PASTERNACK-PE8428 Datasheet
317Kb / 2P
50 Ohm SMA Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8430 PASTERNACK-PE8430 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8431 PASTERNACK-PE8431 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com