Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSASC100H45H Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSASC100H45H
Description  SURFACE MOUNT LOW VOLTAGE DROP SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC100H45H Datasheet(HTML) 1 Page - Microsemi Corporation

  MSASC100H45H Datasheet HTML 1Page - Microsemi Corporation MSASC100H45H Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSASC100H45H
MSASC100H45HR
45 Volts
100 Amps
Features
• Tungsten/Platinum schottky barrier
• Oxide passivated structure for very low leakage currents
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
•
Very low thermal resistance
•
Available as standard polarity (strap-to-anode, MSASC100H45H) and
reverse polarity (strap-to-cathode: MSASC100H45HR)
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
Volts
Working Peak Reverse Voltage
VRWM
45
Volts
DC Blocking Voltage
VR
45
Volts
Average Rectified Forward Current, Tc
≤ 125°C
IF(ave)
100
Amps
derating, forward current, Tc
≥ 125°C
dIF/dT
4
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
500
Amps
Peak Repetitive Reverse Surge Current, tp= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Thermal Resistance, Junction to Case:
MSASC100H45H
MSASC100H45HR
θ
JC
0.35
0.5
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0292A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
SURFACE MOUNT
LOW VOLTAGE DROP
SCHOTTKY DIODE


Similar Part No. - MSASC100H45H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100HR MICROSEMI-MSASC100W100HR Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W45H MICROSEMI-MSASC100W45H Datasheet
39Kb / 2P
SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
MSASC100W45HR MICROSEMI-MSASC100W45HR Datasheet
39Kb / 2P
SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - MSASC100H45H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
LOW VOLTAGE DROP SCHOTTKY DIODE
1N6818 MICROSEMI-1N6818 Datasheet
88Kb / 2P
LOW VOLTAGE DROP SCHOTTKY DIODE
1N6821 MICROSEMI-1N6821 Datasheet
86Kb / 3P
LOW VOLTAGE DROP SCHOTTKY DIODE
MSASC150H45A MICROSEMI-MSASC150H45A Datasheet
36Kb / 2P
LOW VOLTAGE DROP SCHOTTKY DIODE
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Shenzhen Taychipst Elec...
MBR1040VL TAYCHIPST-MBR1040VL Datasheet
1Mb / 2P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
Solid States Devices, I...
SH0034 SSDI-SH0034_15 Datasheet
153Kb / 2P
LOW VOLTAGE DROP SCHOTTKY POWER DIODE
SH0035 SSDI-SH0035_15 Datasheet
168Kb / 2P
LOW VOLTAGE DROP SCHOTTKY POWER DIODE
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com