Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSASC100W45H Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSASC100W45H
Description  SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC100W45H Datasheet(HTML) 1 Page - Microsemi Corporation

  MSASC100W45H Datasheet HTML 1Page - Microsemi Corporation MSASC100W45H Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSASC100W45H
MSASC100W45HR
Or
1N6791
45 Volts
100 Amps
Features
• Tungsten schottky barrier
• Oxide passivated structure for very low leakage currents
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
• Very low thermal resistance
• Available as standard polarity (strap-to-anode, MSASC100W45H) and
reverse polarity (strap-to-cathode: MSASC100W45HR)
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
Volts
Working Peak Reverse Voltage
VRWM
45
Volts
DC Blocking Voltage
VR
45
Volts
Average Rectified Forward Current, Tc
≤145°C
IF(ave)
100
Amps
derating, forward current, Tc
≥ 145°C
dIF/dT
3.3
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
500
Amps
Peak Repetitive Reverse Surge Current, tp= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Thermal Resistance, Junction to Case:
MSASC100W45H
MSASC100W45HR
θ
JC
0.35
0.5
°C/W
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical
Outline
Datasheet# MSC0291A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
SURFACE MOUNT
LOW LEAKAGE
SCHOTTKY DIODE


Similar Part No. - MSASC100W45H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100HR MICROSEMI-MSASC100W100HR Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - MSASC100W45H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com