Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8432 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8432
Description  50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8432 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8432 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8432 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Connector 3
SMA Female
Frequency Range
2 GHz to 6 GHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
6
GHz
Impedance
50
Ohms
Insertion Loss
0.8
dB
Forward Power
25
Watts
Input VSWR
1.5:1
Isolation
14
dB
Peak Power
50
Watts
.
Mechanical Specifications
Temperature
Operating Range
0 to 50 deg C
Size
Length
2.33 in [59.18 mm]
Width
1.995 in [50.67 mm]
Height
0.7 in [17.78 mm]
.
Number of Output Ports
2
Connectors
Description
Connector 1
Connector 2
Connector 3
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Beryllium Copper, Gold
Connector Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8432
PE8432
PE8432 REV 1.0
50 Ohm SMA Circulator Operating From 2 GHz to
6 GHz And 25 Watts With 14 dB Isolation


Similar Part No. - PE8432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8430 PASTERNACK-PE8430 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8431 PASTERNACK-PE8431 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results

Similar Description - PE8432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8406 PASTERNACK-PE8406 Datasheet
242Kb / 3P
50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isolation
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8314 PASTERNACK-PE8314 Datasheet
158Kb / 2P
50 Ohm SMA Isolator Operating From 3.5 GHz to 12.8 GHz And 2 Watts With 17 dB Isolation
PE8316 PASTERNACK-PE8316 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 8 GHz And 10 Watts With 15 dB Isolation
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8327 PASTERNACK-PE8327 Datasheet
320Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8301 PASTERNACK-PE8301 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 4 GHz And 1 Watts With 18 dB Isolation
PE8413 PASTERNACK-PE8413 Datasheet
159Kb / 2P
50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com