Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-P047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-P047
Description  Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-P047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-P047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-P047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-P047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
Configuration
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
FEP
Shield Materials
Silver Plated Copper Tape, Silver Plated Copper Braid
Jacket Material and Color
FEP, Blue
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
70
Maximum Operating Frequency, GHz
20
RF Shielding, dB
90
Capacitance, pF/ft [pF/m]
29 [95.14]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
500
Attenuation, dB/100ft [dB/100m]
25 [82.02]
Power Handling, Watts
61
Frequency 2
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
35 [114.83]
Power Handling, Watts
43
Frequency 3
Frequency, GHz
2
Attenuation, dB/100ft [dB/100m]
52 [170.6]
Power Handling, Watts
30
Frequency 4
Frequency, GHz
4
Attenuation, dB/100ft [dB/100m]
80 [262.47]
Power Handling, Watts
20
Frequency 5
Frequency, GHz
8
Attenuation, dB/100ft [dB/100m]
120 [393.7]
Power Handling, Watts
13
Flexible Version of 047 Semi-rigid Coax Cable
Double Shielded with Blue FEP Jacket
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket PE-
P047
PE-P047
PE-P047 REV


Similar Part No. - PE-P047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P047LL PASTERNACK-PE-P047LL Datasheet
261Kb / 3P
Low Loss Flexible Version of 047 Semi-rigid Coax Cable DouBle Shiedlded with Gray FEP Jacket
More results

Similar Description - PE-P047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P047LL PASTERNACK-PE-P047LL Datasheet
261Kb / 3P
Low Loss Flexible Version of 047 Semi-rigid Coax Cable DouBle Shiedlded with Gray FEP Jacket
PE-P086LL PASTERNACK-PE-P086LL Datasheet
251Kb / 3P
Low Loss Flexible Version 086 Semi-rigid Coax Cable Double Shielded with Gray FEP Jacket
PE-P086 PASTERNACK-PE-P086 Datasheet
258Kb / 4P
Flexible Version of 086 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PE-P141 PASTERNACK-PE-P141 Datasheet
267Kb / 4P
Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PE-P086HF PASTERNACK-PE-P086HF Datasheet
629Kb / 4P
Flexible PE-P086HF Coax Cable Double Shielded with Blue FEP Jacket
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
RG142B-U PASTERNACK-RG142B-U Datasheet
277Kb / 3P
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
RG316-DS PASTERNACK-RG316-DS Datasheet
283Kb / 3P
Flexible RG316 Coax Cable Double Shielded with Tan FEP Jacket
RG393-U PASTERNACK-RG393-U Datasheet
395Kb / 3P
Flexible RG393 Coax Cable Double Shielded with Tan FEP Jacket
RG400-U PASTERNACK-RG400-U Datasheet
281Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com