Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6043 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC6043
Description  Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6043 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC6043 Datasheet HTML 1Page - ON Semiconductor 2SC6043 Datasheet HTML 2Page - ON Semiconductor 2SC6043 Datasheet HTML 3Page - ON Semiconductor 2SC6043 Datasheet HTML 4Page - ON Semiconductor 2SC6043 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6043
No.8326-2/5
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=40V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE1
VCE=2V, IC=100mA
200
560
hFE2
VCE=2V, IC=1.5A
40
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
420
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=50mA
150
300
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=50mA
0.94
1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
80
V
Collector to Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
80
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit
35
ns
Storage Time
tstg
330
ns
Fall Time
tf
40
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
Memo
2SC6043
MP
500pcs./bag
Pb Eree
2SC6043-AE
1,000pcs./box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com