Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L56 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB6L56
Description  Dual 2:1 Differential Clock Data Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L56 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB6L56 Datasheet HTML 2Page - ON Semiconductor NB6L56 Datasheet HTML 3Page - ON Semiconductor NB6L56 Datasheet HTML 4Page - ON Semiconductor NB6L56 Datasheet HTML 5Page - ON Semiconductor NB6L56 Datasheet HTML 6Page - ON Semiconductor NB6L56 Datasheet HTML 7Page - ON Semiconductor NB6L56 Datasheet HTML 8Page - ON Semiconductor NB6L56 Datasheet HTML 9Page - ON Semiconductor NB6L56 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NB6L56
http://onsemi.com
8
VCC
LVPECL
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
INx
NB6L56
VCC
VCC
CML
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
VCC
VT = VCC
Figure 12. Typical LVPECL Interface (see AND8020)
Figure 13. Typical LVDS Interface
VT = VCC − 2.0 V
Figure 14. Typical Standard 50 W Load CML
Interface
VCC
LVDS
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
VCC
VT = OPEN
GND
GND
GND
GND
GND
GND
VCC
LVPECL
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
VCC
VT = VREFACxn*
Figure 15. Typical LVPECL Capacitor−Coupled
Differential Interface (VT Connected to VREFAC)
GND
GND
*VREFAC bypassed to ground with a 0.01 mF capacitor.
NB6L56
NB6L56
NB6L56
VCC
LVPECL
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
INx
NB6L56
VCC
GND
GND
VCC
LVPECL
Driver
INx
50 W
Zo = 50 W
Zo = 50 W
50 W
INx
NB6L56
VCC
GND
GND
GND
GND
INx
GND
GND
INx
INx
RT3
RT3 = 50 W @ 3.3 VCC
20 W @ 2.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com