Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5013LDH Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5013LDH
Description  Quartz Crystal Oscillator IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5013LDH Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5013LDH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5013LDH Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM5013 series
NIPPON PRECISION CIRCUITS—2
PAD DIMENSIONS
( UNIT :
µm )
PAD COORDINATES
Chip size : 1.00
× 0.80mm
Chip thickness : 250
± 30µm
Chip reverse side : VDD level
PIN OUT
( Top View )
PIN DESCRIPTIONS
Pad
Coordinate(
µm)
XY
VSS
150
174
XT
570
170
INH
850
150
VDD
850
450
XT
850
650
Q
150
650
Q
XT
(1000,800)
VDD
INH
XT
VSS
(0,0)
X
Y
PIN
DESCRIPTION
XT
Oscillator input pin
XT
Oscillator output pin
INH
Output state control input pin ( with built-in pull-up
resistance
VDD
Supply voltage
VSS
Ground
Q
Output pin ( fo : Oscillator frequency)
1
INH
2
XT
VSS
4Q
5
VDD
6XT
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com