Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5050AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Single-output Clock Generator IC
OVERVIEW
The SM5050A is a single-output clock generator IC that generates standard high-frequency clocks derived
from a 20 to 40MHz crystal oscillator master clock. The high-frequency output stage uses optimized PLL cir-
cuits for low jitter output. The oscillator capacitors CG and CD are built-in, realizing a high-frequency output
oscillator by just the connection of a crystal. Two program inputs allows selection from 4 frequency multipli-
ers, making the SM5050A able to generate multi-standard frequency clock outputs.
FEATURES
s
2.7 to 3.6V operating supply voltage
s
20 to 40MHz master clock frequency (fundamen-
tal)
s
Output frequency ranges
• 100 to 166.6MHz (VDD = VDDQ = 3.0 to 3.6V)
• 100 to 125MHz (VDD = VDDQ = 2.7 to 3.6V)
s
8mA output drive capability
s
Oscillator capacitors (CG, CD) and feedback resis-
tor (Rf) built-in
s
100ps (typ) low jitter output (peak-to-peak)
s
2 program inputs for 4 selectable multiplier ratios
s
Standby function
s
Packaging
• Chip form (CF5050A)
• 8-pin VSOP package (SM5050AV)
PINOUT
ORDERING INFORMATION
PAD DIMENSIONS
PACKAGE DIMENSIONS
(Top view )
D e vice
P a ck ag e
CF5050A–1
Chip form
SM5050AV
8-pin VSOP
1
P1
2
VSS
3
Q
4
VDD
5
XTN
6XT
7
INHN
8P0
(Unit: µm)
Chip size: 2.16
× 1.57mm
Chip thickness: 300 ± 30µm
Chip base: V SS level
(Unit: m m )
Q
VDD
XTN
VSS
(0,0)
(2160,1570)
INHN
XT
SA5050A
VDDQ
VSSQ
P1
P0
0.575 typ
3.1
± 0.3
0.22
± 0.1
0.65
0.12 M
0.10
0 to 10
0.15
+0.1
−0.05


Similar Part No. - SM5050AV

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM5053-43L STEALTH_MICROWAVE-SM5053-43L Datasheet
185Kb / 4P
5000-5300 MHz 20 Watt Ultra-Linear Power Amplifier
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
163Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
153Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - SM5050AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
logo
Integrated Device Techn...
IDT5V926A IDT-IDT5V926A Datasheet
101Kb / 6P
Single Output Clock Generator
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
Single Output LVCMOS Clock Generator
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
Single Output LVPECL Clock Generator
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com