Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1834 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM1834
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834 Datasheet(HTML) 3 Page - ON Semiconductor

  ASM1834 Datasheet HTML 1Page - ON Semiconductor ASM1834 Datasheet HTML 2Page - ON Semiconductor ASM1834 Datasheet HTML 3Page - ON Semiconductor ASM1834 Datasheet HTML 4Page - ON Semiconductor ASM1834 Datasheet HTML 5Page - ON Semiconductor ASM1834 Datasheet HTML 6Page - ON Semiconductor ASM1834 Datasheet HTML 7Page - ON Semiconductor ASM1834 Datasheet HTML 8Page - ON Semiconductor ASM1834 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ASM1834, ASM1834A, ASM1834D
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Function
1
5VIN
5 V power supply input.
2
5V RESET
5V RESET
5 V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
5 V reset output (Active HIGH, AS1834D).
3
5V TOL
5 V input tolerance select: 10% tolerance for 5VTOL = 5 VIN and 5% tolerance for 5VTOL = GND
4
GND
Ground.
5
PBRST
Debounced manual pushbutton reset input (40 kW internal pull−up).
6
3.3V TOL
3.3 V input tolerance select: 20% tolerance for 3.3VTOL = 3.3 VIN and 10% tolerance for 3.3VTOL = GND.
7
3.3V RESET
3.3V RESET
3.3 V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
3.3 V reset output (Active HIGH, ASM1834D).
8
3.3VIN
3.3 V power supply input.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Voltage on VCC (Note 1)
−0.5
7
V
Voltage on 5V RESET (Note 1)
−0.5
+5VIN + 0.5 V
V
Voltage on 3.3V RESET (Note 1)
−0.5
+3.3VIN + 0.5 V
V
Voltage on PBRST and reset outputs (Note 1)
−0.5
(+5VIN + 0.5 V) or (+3.3VIN + 0.5 V)
whichever is greater
V
Operating Temperature Range
−40
+85
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
−55
+125
°C
ESD rating
HBM
2
KV
MM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Voltages are measured with respect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com