Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAV23CL
Description  Dual High Voltage Common Cathode Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV23CL Datasheet(HTML) 1 Page - ON Semiconductor

  BAV23CL Datasheet HTML 1Page - ON Semiconductor BAV23CL Datasheet HTML 2Page - ON Semiconductor BAV23CL Datasheet HTML 3Page - ON Semiconductor BAV23CL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 2
1
Publication Order Number:
BAV23CLT1/D
BAV23CL, NSVBAV23CL
Dual High Voltage Common
Cathode Switching Diode
Features
• Moisture Sensitivity Level: 1
• ESD Rating − Human Body Model: Class 2
ESD Rating − Machine Model: Class C
• Fast Switching Speed
• Switching Application
• NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• LCD TV
• Power Supply
• Industrial
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
250
V
Repetitive Peak Reverse Voltage
VRRM
250
V
Peak Forward Current
IF
400
mA
Non−Repetitive Peak
@ t = 1.0 ms
Forward Surge Current
@ t = 100 ms
@ t = 10 ms
IFSM
9.0
3.0
1.7
A
Peak Forward Surge Current
IFM(surge)
625
mAdc
Non−Repetitive Peak
Per Human Body Model
Per Machine Model
HBM
MM
4.0
400
kV
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Device
Package
Shipping†
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 9
MARKING DIAGRAM
1
2
3
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAV23CLT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
1
AA MG
G
AA
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
3
CATHODE
2
ANODE
ANODE
1
2
3
BAV23CLT3G
SOT−23
(Pb−Free)
10000 / Tape &
Reel
NSVBAV23CLT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel


Similar Part No. - BAV23CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV23CL ONSEMI-BAV23CL Datasheet
183Kb / 5P
Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
128Kb / 4P
Dual High Voltage Common Cathode Switching Diode
May, 2009 ??Rev. 0
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
103Kb / 4P
Dual High Voltage Common Cathode Switching Diode
October, 2016 ??Rev. 3
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
183Kb / 5P
Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
BAV23CLT3G ONSEMI-BAV23CLT3G Datasheet
103Kb / 4P
Dual High Voltage Common Cathode Switching Diode
October, 2016 ??Rev. 3
More results

Similar Description - BAV23CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
128Kb / 4P
Dual High Voltage Common Cathode Switching Diode
May, 2009 ??Rev. 0
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
BAV23CL ONSEMI-BAV23CL_16 Datasheet
103Kb / 4P
Dual High Voltage Common Cathode Switching Diode
October, 2016 ??Rev. 3
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
logo
Vishay Siliconix
GSD2004C VISHAY-GSD2004C Datasheet
89Kb / 4P
Dual Common Cathode Small Signal High Voltage Switching Diode
17-May-13
logo
ON Semiconductor
BAV23CL ONSEMI-BAV23CL_V01 Datasheet
183Kb / 5P
Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
logo
Nexperia B.V. All right...
BAV23QA NEXPERIA-BAV23QA Datasheet
216Kb / 11P
Dual common cathode high-voltage switching diode
9 April 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com