Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS52845EDR8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS52845EDR8
Description  Current Mode PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52845EDR8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS52845EDR8 Datasheet HTML 1Page - ON Semiconductor CS52845EDR8 Datasheet HTML 2Page - ON Semiconductor CS52845EDR8 Datasheet HTML 3Page - ON Semiconductor CS52845EDR8 Datasheet HTML 4Page - ON Semiconductor CS52845EDR8 Datasheet HTML 5Page - ON Semiconductor CS52845EDR8 Datasheet HTML 6Page - ON Semiconductor CS52845EDR8 Datasheet HTML 7Page - ON Semiconductor CS52845EDR8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Electrical Characteristics: Unless otherwise stated, specifications apply for -40
≤ T
A ≤ 85°C; VCC = 15V (Note 1); RT = 10kΩ;
CT = 3.3nF for sawtooth mode.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Total Standby Current
Start-Up Current
0.5
1.0
mA
Operating Supply Current
VFB=VSense=0V RT=10kΩ, CT=3.3nF
11
17
mA
VCC Zener Voltage
ICC=25mA
34
V
s PWM Section
Maximum Duty Cycle
46
48
50
%
Minimum Duty Cycle
0
%
s Undervoltage Lockout Section
Start Threshold
7.8
8.4
9.0
V
Min. Operating Voltage
After Turn On
7.0
7.6
8.2
V
Notes:
1. Adjust VCC above the start threshold before setting at 15V.
3. Parameter measured at trip point of latch with VFB=0.
2.These parameters, although guaranteed, are not 100% tested in production.
4. Gain defined as: A =
; 0
≤ V
Sense ≤ 0.8V.
∆V
COMP
∆V
Sense
8L
14L
SO Narrow
SO Narrow
1
1
COMP
Error amp output, used to compensate error amplifier.
23
VFB
Error amp inverting input.
3
5
Sense
Noninverting input to Current Sense Comparator.
4
7
OSC
Oscillator timing network with Capacitor to Ground, resistor to VREF.
5
9
Gnd
Ground.
5
8
Pwr Gnd
Output driver Ground.
610
VOUT
Output drive pin.
711
VCCPwr
Output driver positive supply.
712
VCC
Positive power supply.
814
VREF
Output of 5V internal reference.
2,4,6,13
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com