Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST5-SI-NF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST5-SI-NF
Description  DC Advanced Microstep Drive w/ Si Programming & Encoder Input/Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST5-SI-NF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST5-SI-NF Datasheet HTML 1Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 2Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 3Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 4Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 5Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 6Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 7Page - List of Unclassifed Manufacturers ST5-SI-NF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
This stepper drive with model number ending in -NF is designed to accept encoder feedback. Be sure to order a
compatible stepper motor with the encoder option (i.e. -WAA, -ZAA, or -YAA).
The ST5-Si-NF stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-48 VDC and can output up to 5.0 A/phase (peak-of-sine)
to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 11 through
NEMA 23 frame stepper motors (see Related and Recommended products below).
The ST5-Si-NF can operate in all of the same control modes as the Q models, plus it has the ability to run a stand-
alone Si program stored in non-volatile memory. Si programs are created using the Si Programmer™ software,
which provides unparalleled simplicity in indexer-drive programming via Applied Motion’s unique and powerful icon-
based programming environment. Preconfigured motor setup files included with Si Programmer™ make it easy to
set up the drive for optimum results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs and 4 digital
outputs. Adjustable digital filters are present on the digital inputs for enhanced reliability in noisy environments.
Note: 2 single-ended analog inputs, which can be wired together as 1 differential analog input, are also available,
but not in Si program mode.
The drive comes with an RS-232 port for configuration, serial communications and programming.
The ST5-Si-NF includes a quadrature encoder feedback connector for applications that demand a higher level of
position control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
The ST5-Si-NF also features a separate, buffered encoder output so that other devices can monitor the motor
position in real time.
All ST drives are CE approved and RoHS compliant.
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com