Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL03 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SL03
Description  Schottky Rectifier Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL03 Datasheet(HTML) 1 Page - Vishay Siliconix

  SL03 Datasheet HTML 1Page - Vishay Siliconix SL03 Datasheet HTML 2Page - Vishay Siliconix SL03 Datasheet HTML 3Page - Vishay Siliconix SL03 Datasheet HTML 4Page - Vishay Siliconix SL03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL02, SL03, SL04
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 05-Sep-14
1
Document Number: 85687
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier Surface Mount
MECHANICAL DATA
Case: DO-219AB (SMF)
Polarity: color band denotes cathode end
Weight: approx. 15 mg
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape), 50K/box
GS08/3K per 7" reel (8 mm tape), 30K/box
Int. construction: single
FEATURES
• For surface mounted applications
• Ideal for automated placement
• Low power loss, high efficiency
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Meets JESD 201 class 2 whisker test
• Wave and reflow solderable
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1)
Mounted on epoxy substrate with 3 mm x 3 mm Cu pads (
≥ 40 μm thick)
17249
PARTS TABLE
PART
ORDERING CODE
MARKING
REMARKS
SL02
SL02-GS18 or SL02-GS08
S2
Tape and reel
SL03
SL03-GS18 or SL03-GS08
S3
Tape and reel
SL04
SL04-GS18 or SL04-GS08
S4
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
SL02
VRRM
20
V
SL03
VRRM
30
V
SL04
VRRM
40
V
Maximum RMS voltage
SL02
VRMS
14
V
SL03
VRMS
21
V
SL04
VRMS
28
V
Maximum DC blocking voltage
SL02
VDC
20
V
SL03
VDC
30
V
SL04
VDC
40
V
Maximum average forward rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current 8.3 ms single
half sine-wave
IFSM
40
A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
180
K/W
Maximum operating junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55 to 150
°C


Similar Part No. - SL03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL03 MICROSEMI-SL03 Datasheet
89Kb / 2P
TVSarray Series
logo
Vishay Siliconix
SL03 VISHAY-SL03 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL03 VISHAY-SL03 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL03 VISHAY-SL03 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - SL03

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com