Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5160CM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5160CM
Description  Programable PLL Frequency Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5160CM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5160CM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5160CM Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS-1
SM5160CM/DM
Programable PLL Frequency Synthesizer
XIN
XOUT
VDD3
DOA
DOP
VSS
FIN
TEST
FR
FV
LE
DATA
CLK
LD
VDD1
VDD2
1
89
16
0.6TYP
6.8 0.3
0.8
0.36 0.1
0.4 0.2
010
0.15
+ 0.10
- 0.05
OVERVIEW
The SM5160CM/DM is a PLL frequency synthesizer
IC with programmable input and reference frequency
dividers.
The SM5160CM/DM features an unlock detector, out-
puts for use with active passive lowpass filters and direct
frequency divider outputs.
The SM5160CM/DM operates from 0.95 to 2.00 V
and 2.0 to 3.3 V supplies and is available in 16-pin
SSOPs.
FEATURES
• Up to 95 MHz input frequency (FIN, VDD= 0.98V)
• Up to 90 MHz input frequency (FIN, VDD= 0.95V)
• Up to 13.0 MHz reference frequency (XIN)
• 1056 to 65535 programmable input frequency
divider ratio
• 20 to 65532 programmable reference frequency
divider ratio (SM5160CM)
• 20 to 8188 programmable reference frequency
divider ratio (SM5160DM)
• Unlock detector
• Outputs for use with active and passive lowpass
filters
• Direct outputs from frequency dividers
• 0.95 to 2.0 V and 2.0 to 3.3 V supplies
• Molybdenum- gate CMOS process
• 16-pin SSOP
PACKAGE DIMENSIONS (Unit: mm)
SERIES LINEUP
XIN
FIN
SM5160CM
Divider range
20 to 65532 (4 step)
1056 to 65535
Counter bits
14 bit
16 bit
SM5160DM
Divider range
20 to 8188 (4 step)
1056 to 65535
Counter bits
11 bit
16 bit
PINOUT (Top View)


Similar Part No. - SM5160CM

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM516 DIOTEC-SM516 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM516 SEMIKRON-SM516 Datasheet
106Kb / 2P
Standard silicon rectifier diodes
SM516 SEMIKRON-SM516 Datasheet
109Kb / 2P
Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM516 BILIN-SM516 Datasheet
205Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM516 LUGUANG-SM516 Datasheet
372Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - SM5160CM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com